PART |
Description |
Maker |
BD50C0AWFP BD33C0AWFP |
Standard Fixed Output LDO Regulators with Shutdown Switch
|
Rohm
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
LR8563-15PQ LR8563-15PRA LR8563-15PRB LR8563-18PQ |
Low noise, fast response 300mA LDO regu lator
|
Leshan Radio Company
|
P4C1257-55LMB P4C1257-55CMB P4C1257-25CMB P4C1257L |
800mA Fixed Output CMOS LDO, -40C to 125C, 3-SOT-223, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R x1的SRAM x1 SRAM x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-TO-220, TUBE x1的SRAM
|
Pyramid Semiconductor, Corp. Abracon, Corp.
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BD80C0AFPS-M |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm
|
BA15DD0T BA15DD0WHFP-TR BA25DD0WHFP BA18DD0WHFP BA |
2A/1A Fixed Output LDO Regulators 2A/1A Fixed Output LDO Regulators with Shutdown Switch
|
ROHM
|
NX8566LE929-CC NX8566LE803-CC NX8565LE836-CC NX856 |
TV 6C 6#8(TWIN) PIN PLUG RECP Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可6000240公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 PT 19C 19#20 SKT PLUG Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-SOIC PTSE 18C 18#20 PIN RECP 901481102 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PQ I HIP6W DUET Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. http:// California Eastern Labs
|
TK11224BUIB TK11245BUCB TK11255BUCB TK11215BUCB TK |
Power pushbutton switch is rated up to 7 amps and has many options MS series miniature snap action switches with many options VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP .0001UF 50V UF(B) FILM SMD 调压器ON / OFF开 CAP .00015UF 50V UF(B) FILM SMD 4.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP 15000UF 63V ELECT TUP SERIES 2.9 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.2 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 CAP 120000UF 16V ELECT THA SER 2.6 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 4 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 3.1 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH
|
TOKO Inc. TOKO, Inc. ON Semiconductor http://
|
|